Part Number Hot Search : 
SCHJ37 SMBJ17A ALERT PST592D SBL20 00112 LAN9218 AKD47
Product Description
Full Text Search
 

To Download LTW-C235DCKF-5A14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y features * meet rohs, green product. * reverse mount chip led. * dual color chip led. * ultra bright ingan white / alingap chip led. * package in 8mm tape on 7" diameter reels. * compatible with automatic placement equipment. * compatible with infrared reflow solder process. * eia std package. package dimensions part no. lens emitted color pin assignment ingan white 1,2 ltw-c235dckf-5a yellow alingap orange 3,4 notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.10 mm (.004") unless otherwise noted. part no. : ltw-c235dckf-5a page : 1 of 13 bns-od-c131/a4 white white white white orange orange orange orange
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y absolute maximum ratings at ta=25 ltw-c235dckf-5a parameter white orange unit power dissipation 72 75 mw peak forward current (1/10 duty cycle, 0.1ms pulse width) 100 80 ma dc forward current 20 30 ma reverse voltage 5 5 v operating temperature range -20 c to + 80 c storage temperature range -30 c to + 100 c infrared soldering condition 260 c for 10 seconds note: reverse voltage cant be continued operating. suggest ir reflow condition : part no. : ltw-c235dckf-5a page : 2 of 13 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y electrical optical characteristics at ta=25 ltw-c235dckf-5a parameter symbol white orange unit test condition min. 45.0 11.2 typ. luminous intensity iv max. 180.0 71.0 mcd if =5ma note 1, 2, 5 viewing angle 2 q 1/2 typ. 130 130 deg fig.6 peak emission wavelength l p typ. 611 nm measurement @peak (fig.2) dominant wavelength l d typ. 605 nm if =5ma note 7 spectral line half-width dl typ. 20 nm x 0.28 chromaticity coordinates y typ.. 0.26 v if = 5ma note 3, 5 fig.1 typ. 2.85 2.00 forward voltage vf max. 3.15 2.40 v if =5ma reverse current ir max. 10 10 m a vr = 5v note : 1. luminous intensity is measured with a lig ht sensor and filter combination that approximates the cie eye-response curve. 2. iv classification code is marked on each packing bag. 3. the chromaticity coordinates (x, y) is derived f rom the 1931 cie chromaticity diagram. 4. caution in esd: static electricity and surge damages the led. it is recommend to use a wrist band or anti-electrostati c glove when handling the led. all devices, equipment and machinery must be properly grounded. 5. tester cas140b is for the chromaticity coordinates (x, y) and iv. 6. the chromaticity coordinates (x, y) guarantee sh ould be added 0.01 tolerance. 7. the dominant wavelength, d is derived from the cie chromaticity diagram and represents the single wavelength which defines the colo r of the device. part no. : ltw-c235dckf-5a page : 3 of 13 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y typical electrical / optical characteristics c urves (25 ambient temperature unless otherwise noted ) part no. : ltw-c235dckf-5a page : 4 of 13 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y typical electrical / optical characteristics c urves (25 ambient temperature unless otherwise noted) part no. : ltw-c235dckf-5a page : 5 of 13 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y bin code list part no. : ltw-c235dckf-5a page : 6 of 13 bns-od-c131/a4 vf spec. table( white) forward voltage (v) at if = 5ma vf bin min. max. a 2.55 2.70 b 2.70 2.85 c 2.85 3.00 d 3.00 3.15 tolerance on each forward voltage bin is +/-0.1 vol t iv spec. table( white) luminous intensity (mcd) at if = 5ma iv bin min. max. p 45.0 71.0 q 71.0 112.0 r 112.0 180.0 tolerance on each luminous intensity bin is +/- 15% . iv spec. table( orange) luminous intensity (mcd) at if = 5ma iv bin min. max. l 11.2 18.0 m 18.0 28.0 n 28.0 45.0 p 45.0 71.0 tolerance on each luminous intensity bin is +/- 15% .
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y bin code list part no. : ltw-c235dckf-5a page : 7 of 1 3 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y cleaning do not use unspecified chemical liquid to clean led they could harm the package. if clean is necessary, immerse the led in ethy l alcohol or in isopropyl alcohol at normal tempera ture for less one minute. suggest soldering pad dimensions package dimensions of tape and reel notes: 1. all dimensions are in millimeters (inches). part no. : ltw-c235dckf-5a page : 8 of 1 3 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y package dimensions of reel notes: 1. empty component pockets sealed with top cover ta pe. 2. 7 inch reel-3000 pieces per reel. 3. minimum packing quantity is 500 pieces for remai nders. 4. the maximum number of consecutive missing lamps is two. 5. in accordance with ansi/eia 481-1-a-1994 specifi cations. part no. : ltw-c235dckf-5a page : 9 of 13 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y part no. : ltw-c235dckf-5a page : 10 of 13 bns-od-c131/a4 cautions 1. application the leds described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household ap plications).consult liteons sales in advance for information on applications in which exceptiona l reliability is required, particularly when the fa ilure or malfunction of the leds may directly jeopardize life or health (such as in aviation, transportation , traffic control equipment, medical and life support systems and safety devices). 2. storage the package is sealed: the leds should be stored at 30c or less and 90% rh or less. and the leds are limited to use within one year, while the leds is packed in moisture-proo f package with the desiccants inside. the package is opened: the storage ambient for the leds should not exceed 30c temperature or 60% relative humidity. it is recommended that leds out of their original p ackaging are ir-reflowed within one week. for extended storage out of their original packagin g, it is recommended that the leds be stored in a s ealed container with appropriate desiccant, or in a desic cators with nitrogen ambient. leds stored out of their original packaging for mor e than one week should be baked at about 60 deg c f or at least 20 hours before solder assembly. 3. cleaning use alcohol-based cleaning solvents such as isoprop yl alcohol to clean the led if necessary. 4. soldering recommended soldering conditions: reflow soldering soldering iron pre-heat pre-heat time peak temperature soldering time 150~200c 120 sec. max. 260c max. 10 sec. max.(max. two times) temperature soldering time 300c max. 3 sec. max. (one time only) soldering notes: because different board designs use different numbe r and types of devices, solder pastes, reflow ovens, and circuit boards, no single temperature profile w orks for all possible combinations. however, you can successfully mount your packages t o the pcb by following the proper guidelines and pcb-specific characterization. lite-on runs both component-level verification usin g in-house kyramx98 reflow chambers and board-level assembly. the results of this testing are verified through po st-reflow reliability testing. profiles used at lite- on are based on jedec standards to ensure that all packages can be successfully and reliably surface mounted. figure on page3 shows a sample temperature profile compliant to jedec standards. you can use this example as a generic target to set up your reflow process. you should adhere to the jedec profile limits as we ll as specifications and recommendations from the solder paste manufacturer to avoid damaging the dev ice and create a reliable solder joint.
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y 5. drive method an led is a current-operated device. in order to en sure intensity uniformity on multiple leds connecte d in parallel in an application, it is rec ommended that a current limiting resistor be incorp orated in the drive circuit, in series with each led as shown in circuit a below . circuit model a circuit model b led led (a) recommended circuit. (b) the brightness of each led might appear differe nt due to the differences in the i-v characteristic s of those leds. 6. esd (electrostatic discharge) static electricity or power surge will damage the l ed. suggestions to prevent esd damage:  use of a conductive wrist band or anti-electrostati c glove when handling these leds.  all devices, equipment, and machinery must be prope rly grounded.  work tables, storage racks, etc. should be properly grounded.  use ion blower to neutralize the static charge whic h might have built up on surface of the leds plast ic lens as a result of friction between leds during st orage and handling. esd-damaged leds will exhibit abnormal characte ristics such as high reverse leakage current, low f orward voltage, or no lightup at low currents. to verify for esd damage, check for lightup and vf of the suspect leds at low currents. the vf of good leds should be >2.0v@0.1ma f or ingan product and >1.4v@0.1ma for alingap produc t. part no. : ltw-c235dckf-5a page : 11 of 13 bns-od-c131/a4
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y part no. : ltw-c235dckf-5a page : 12 of 13 bns-od-c131/a4 7. reliability test classification test item test condition reference standard operation life ta= under room temperature as per data sheet maximum rating * test time= 500hrs (-24hrs,+72hrs)*@20ma. mil-std-750d:1026 mil-std-883d:1005 jis c 7021:b-1 high temperature high humidity storage ta= 655 ,rh= 90 95% * test time= 240hrs2hrs mil-std-202f:103b jis c 7021:b-11 high temperature storage ta= 1055 * test time= 500hrs (-24hrs,+72hrs) mil-std-883d:1008 jis c 7021:b-10 endurance test low temperature storage ta= -555 * test time=500hrs (-24hrs,+72h rs) jis c 7021:b-12 temperature cycling 105 25 -55 25 30mins 5mins 30mins 5mins 10 cycles mil-std-202f:107d mil-std-750d:1051 mil-std-883d:1010 jis c 7021:a-4 thermal shock 85 5 -40 5 10mins 10mins 10 cycles mil-std-202f:107d mil-std-750d:1051 mil-std-883d:1011 solder resistance t.sol= 260 5 dwell time= 10 1secs mil-std-202f:210a mil-std-750d:2031 jis c 7021:a-1 ir-reflow ramp-up rate(217 to peak) +3 / second max temp. maintain at 175(25) 180 seconds max temp. maintain above 217 60-150 seconds peak temperature range 260 +0/-5 time within 5c of actual peak temperature (tp) 10-30 seconds ramp-down rate +6 /second max mil-std-750d:2031.2 j-std-020d environmental test solderability t.sol= 235 5 immersion time 20.5 sec immersion rate 252.5 mm/sec coverage R 95% of the dipped surface mil-std-202f:208d mil-std-750d:2026 mil-std-883d:2003 iec 68 part 2-20 jis c 7021:a-2 8. others the appearance and specifications of the product ma y be modified for improvement without prior notice.
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y 9. suggested checking list training and certification 1. everyone working in a static-safe area is esd- certified? 2. training records kept and re-certification dat es monitored? static-safe workstation & work areas 1. static-safe workstation or work-areas have esd signs? 2. all surfaces and objects at all static-safe wo rkstation and within 1 ft measure less than 100v? 3. all ionizer activated, positioned towards the units? 4. each work surface mats grounding is good? personnel grounding 1. every person (including visitors) handling esd sens itive (esds) items wears wrist strap, heel strap or conductive shoes with conductive flooring? 2. if conductive footwear used, conductive flooring also present where operator stand or walk? 3. garments, hairs or anything closer than 1 ft to esd items measure less than 100v*? 4. every wrist strap or heel strap/conductive shoes checked daily and result recorded for all dls? 5. all wrist strap or heel strap checkers calibrati on up to date? note: *50v for blue led. device handling 1. every esds items identified by eia-471 labels on item or packaging? 2. all esds items completely inside properly closed static-shielding containers when not at static-safe workstation? 3. no static charge generators (e.g. plastics) insi de shielding containers with esds items? 4. all flexible conductive and dissipative package materials inspected before reuse or recycles? others 1. audit result reported to entity esd control coor dinator? 2. corrective action from previous audits completed ? 3. are audit records complete and on file? part no. : ltw-c235dckf-5a page : 13 of 13 bns-od-c131/a4


▲Up To Search▲   

 
Price & Availability of LTW-C235DCKF-5A14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X